67 series 970 powertrip? connectors and accessories accessories 380-105 emi/rfi backshell (non-environmental) how to order series shell material / finish shell size strain relief code length code 380ps105 straight exi t glenair 12 380pm105 45 exi t glenair 380pn105 90 exi t glenair me aluminum / electroless nickel rohs compliant nf aluminum / cadmium with olive drab chromate zr aluminum / zinc-nickel with non-refective black chromate rohs compliant mt aluminum / nickel-ptfe rohs compliant z1 stainless steel / passivated rohs compliant 18 20 24 28 32 36 40 glenair 12 saddle clamp (omit for 45 and 90 styles. applies to 380ps105 straight exit only) the length code is the length of the adapter in ? inch increments code length in. mm. 6 3.0 76 7 3.5 89 8 4.0 102 9 4.5 114 10 5.0 127 11 5.5 140 12 6.0 152 13 6.5 165 14 7.0 178 15 7.5 191 16 8.0 203 sample part number 380ps105 zr 24 12h 8 emi/rfi backshell features ground rings for cable braid shield termination. spin coupling with anti-decoupling ratchet . splined connector interface. heavy duty saddle clamp. aluminum or stainless steel. stainless steel telescoping clamp screws. meets environmental, electrical and mechanical requirements of as85049 category 3a heavy duty. assembly procedure conforms to glenair type f shield terminations. 380p*105 emi/rfi backshell code cable diameter min. max. in. mm. in. mm. 06h .250 6.4 .437 11.1 08h .312 7.9 .562 14.3 10h .350 8.9 .625 15.9 12h .500 12.7 .750 19.1 16h .625 15.9 .937 23.8 20h .875 22.2 1.250 31.8 24h 1.000 25.4 1.375 34.9 28h 1.250 31.8 1.625 41.3 32h 1.437 36.5 1.875 47.6 length installation torque shell size recommended installation torque inch-pounds 5 18 116 20, 24 136 28, 32, 36 148 40 164 materials and finishes adapters, crimp rings, follower, coupling nut: aluminum or stainless steel. see how to order for finish options. hardware: stainless steel www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 accessories b h ? 2013 glenair, inc. series 970 powertrip? cage code 06324 printed in u.s.a.
68 series 970 powertrip? connectors and accessories accessories 380-105 emi/rfi backshell (non-environmental) 380ps105 straight exit emi/rfi backshell glenair 12 coupling nut with anti-decoupling mechanism splined connector interface length (customer specified) a thread ? b cable clamp rfi ferrule, inner rfi ferrule, outer shell size a thread ? b max. in. mm. 18 1.125-18 unef-2b 1.39 35.3 20 1.250-18 unef-2b 1.53 38.9 24 1.4375-18 unef-2b 1.72 43.7 28 1.8125-16 un-2b 2.13 54.1 32 2.0625-16 uns-2b 2.35 59.7 36 2.250-16 un-2b 2.59 65.8 40 2.500-16 un-2b 2.87 70.6 glenair 12 a thread ? b c d glenair 12 a thread ? b f e shell size a thread class 2b ? b max. e max. f max. in. mm. in. mm. in. mm. 18 1.125-18 unef 1.39 35.3 1.906 48.4 1.812 46.0 20 1.250-18 unef 1.53 38.9 2.031 51.6 1.938 49.2 24 1.4375-18 unef 1.72 43.7 2.281 57.9 2.188 55.6 28 1.8125-16 un 2.13 54.1 2.531 64.3 2.625 66.7 32 2.0625-16 uns 2.35 59.7 2.625 66.7 2.895 73.5 36 2.250-16 un 2.59 65.8 2.875 73.0 3.145 79.9 40 2.500-16 un 2.87 70.6 3.025 76.8 3.295 83.7 shell size a thread class 2b ? b max. c max. d max. in. mm. in. mm. in. mm. 18 1.125-18 unef 1.39 35.3 1.250 31.8 1.156 29.4 20 1.250-18 unef 1.53 38.9 1.312 33.3 1.219 31.0 24 1.4375-18 unef 1.72 43.7 1.406 35.7 1.312 33.3 28 1.8125-16 un 2.13 54.1 1.500 38.1 1.625 41.3 32 2.0625-16 uns 2.35 59.7 1.675 42.5 1.945 49.4 36 2.250-16 un 2.59 65.8 1.799 45.7 2.069 52.6 40 2.500-16 un 2.87 70.6 1.861 47.3 2.131 54.1 380pm105 45 exit dimensions 380pn105 90 exit www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 accessories h ? 2013 glenair, inc. series 970 powertrip? cage code 06324 printed in u.s.a.
69 accessories 380p*105 emi/rfi backshell (non-environmental) clamp size cable range a thread class 2b b max. c max. min. max. in. mm. in. mm. in. mm. in. mm. 06h .250 6.4 .437 11.1 .750-20unef 1.301 33.04 1.145 29.1 08h .312 7.9 .562 14.3 .875-20unef 1.301 33.04 1.332 33.8 10h .350 8.9 .625 15.9 1.000-20unef 1.301 33.04 1.332 33.8 12h .500 12.7 .750 19.1 1.1875-18unef 1.332 33.83 1.551 39.4 16h .625 15.9 .937 23.8 1.4375-18unef 1.426 36.22 1.770 45.0 20h .875 22.2 1.250 31.8 1.750-18uns 1.613 40.97 2.113 53.7 24h 1.000 25.4 1.375 34.9 2.000-18uns 1.645 41.78 2.363 60.0 28h 1.250 31.8 1.625 41.3 2.250-16un 1.920 48.77 2.770 70.4 32h 1.437 36.5 1.875 47.6 2.500-16un 1.920 48.77 3.020 76.7 saddle clamp dimensions a thread c b holes for .020 (0.5) safety wire cable range fil. hd. telescoping screw 2 plcs shell size backshell inside diameter in. mm. 18 .72 18.3 20 .85 21.7 24 1.04 26.4 28 1.35 34.3 32 1.62 41.1 36 1.82 46.3 40 2.05 52.0 if the cable range exceeds the inside diameter of the backshell shown in the table at right, the backshell will be supplied with a transition adapter and a second coupling nut. this style of backshell is called a style 2 . the transition adapter attaches to the connector. the backshell and clamp ft over the cable jacket. on straight exit backshells, the transition adapter does not affect the length. on 45 and 90 versions the transition adapter adds 1.00 inch (25.4mm) maximum to the backshell length. alternate configuration for large cables glenair self-locking coupling nuts transition adapter backshell connector clamp www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 accessories b h ? 2013 glenair, inc. series 970 powertrip? cage code 06324 printed in u.s.a.
|